Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4444 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 36Page - STMicroelectronics AN4444 Datasheet HTML 37Page - STMicroelectronics AN4444 Datasheet HTML 38Page - STMicroelectronics AN4444 Datasheet HTML 39Page - STMicroelectronics AN4444 Datasheet HTML 40Page - STMicroelectronics AN4444 Datasheet HTML 41Page - STMicroelectronics AN4444 Datasheet HTML 42Page - STMicroelectronics AN4444 Datasheet HTML 43Page - STMicroelectronics AN4444 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Reference design standard tests
AN4444
40/68
DocID025925 Rev 2
9
Reference design standard tests
9.1
Input impedance
The input impedance of a power line communication node is another critical point.
According to the network impedance measurements carried out in some European
distribution networks (Italy, Germany and France) the following characteristics can be
associated to the impedance of a typical low voltage (LV) power line:
Typical impedance magnitude is around 5
Nearly 90% of measured values range between 0.5 and 10
The impedance value depends on the measurement point
The measured value changes over time.
The reasons for these characteristics can be described as follows:
The LV distribution network has a “tree” structure, with many branches and sub-
branches acting as parallel impedances
Several electronic devices connected to the LV network offer a very low impedance,
mostly because of the EMI input filters installed at their mains connection
The type and number of electronic loads connected to the mains network varies over
time.
For all these reasons, particular attention must be paid to the impedance of the ST7590 line
coupling circuit. Specifically:
In receiving (idle) mode, the coupling impedance must be high enough to make the
power line source impedance negligible and to minimize the mutual interference
between different PLC nodes connected to the same network
In transmitting mode, the coupling impedance must be very low inside the signal
bandwidth but high enough for out-of-band frequencies.
According to such requirements, the EN50065-7 standard document fixes the following
constraints for the PLC node operating in the A band (see Part 7 of Section 14: Normative
references on page 63):
In Rx mode, minimum impedance is:
10
 from 3 to 9 kHz
50
 between 9 and 95 kHz only inside the signal bandwidth (free for frequencies
outside the signal bandwidth), which means 50
minimum from 42 KHz to 89 kHz for
the ST7590 device
5
 from 95 to 148.5 kHz.
In Tx mode, minimum impedance is:
Free in the range 3 to 95 kHz
3
 from 95 to 148.5 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com