Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4444 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 8Page - STMicroelectronics AN4444 Datasheet HTML 9Page - STMicroelectronics AN4444 Datasheet HTML 10Page - STMicroelectronics AN4444 Datasheet HTML 11Page - STMicroelectronics AN4444 Datasheet HTML 12Page - STMicroelectronics AN4444 Datasheet HTML 13Page - STMicroelectronics AN4444 Datasheet HTML 14Page - STMicroelectronics AN4444 Datasheet HTML 15Page - STMicroelectronics AN4444 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
EVALKITST7590-Q1 description
AN4444
12/68
DocID025925 Rev 2
5
EVALKITST7590-Q1 description
The ST7590 reference design is available as a board set comprising:
One main board with the ST7590 and the STM32
One EVLALTAIR900-M1 as a power supply unit.
6
Evaluating with PRIME GUI
In addition to use as a developing platform for the PRIME compliant application, the
EVALKITST7590-Q1 can be used in a complete PRIME evaluation environment.
A typical evaluation environment is composed by two or more EVALKITST7590-Q1 devices
with a proper STM32 FW for a USB connection to the PC. The user can manage the PRIME
communication services connecting the PRIME GUI to the nodes.
The PRIME GUI software tool running on a PC can be used to evaluate the ST7590 power
line communication features of both the PRIME base node and PRIME service node.
Figure 4. Typical evaluation environment
6.1
VCP driver installation
In order to connect an EVALKITST7590-Q1 to the PRIME GUI running on a PC, the user
has to install the USB/UART adapter driver (if not installed yet) following the steps below:
1.
Download the latest available “Virtual COM Port” (VCP) drivers from the ST website
(see 5. in Section 13: References on page 63.) and unzip them to a location on the host
PC.
2.
Launch the setup file “VCP_V1.3.1_Setup.exe” to install the “Virtual COM Port” driver
on the PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com