Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1518 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 2Page - STMicroelectronics AN1518 Datasheet HTML 3Page - STMicroelectronics AN1518 Datasheet HTML 4Page - STMicroelectronics AN1518 Datasheet HTML 5Page - STMicroelectronics AN1518 Datasheet HTML 6Page - STMicroelectronics AN1518 Datasheet HTML 7Page - STMicroelectronics AN1518 Datasheet HTML 8Page - STMicroelectronics AN1518 Datasheet HTML 9Page - STMicroelectronics AN1518 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Functional description
AN1518
6/30
3
Functional description
The main internal blocks are shown in the device block diagram in Figure 4. They are:
●
A voltage regulator supplying the internal circuitry. From this regulator, a 3.3 V
reference voltage is externally available.
●
A voltage monitor circuit which checks the input and the internal voltages.
●
A fully integrated sawtooth oscillator with a frequency of 250 kHz
±15%, including also
the voltage feed forward function and an input/output synchronization pin.
●
Two embedded current limitation circuits which control the current that flows through
the power switch. The pulse-by-pulse current limit forces the power switch OFF cycle
by cycle if the current reaches an internal threshold, while the frequency shifter reduces
the switching frequency in order to significantly reduce the duty cycle.
●
A transconductance error amplifier.
●
A pulse width modulator (PWM) comparator and the relative logic circuitry necessary to
drive the internal power.
●
A high side driver for the internal P-MOS switch.
●
An inhibit block for stand-by operation.
●
A circuit to implement the thermal protection function.
3.1
Power supply & voltage reference
The internal regulator circuit (shown in Figure 5) consists of a start-up circuit, an internal
voltage Preregulator, the Bandgap voltage reference and the Bias block that provides
current to all the blocks. The Starter supplies the start-up currents to the entire device when
the input voltage goes high and the device is enabled (inhibit pin connected to ground). The
Preregulator block supplies the Bandgap cell with a preregulated voltage VREG that has a
very low supply voltage noise sensitivity.
3.2
Voltages monitor
An internal block continuously senses the Vcc, Vref and Vbg. If the voltages go higher than
their thresholds, the regulator begins operating. There is also a hysteresis on the VCC
(UVLO).
Figure 5.
Internal circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com