Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1518 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 15Page - STMicroelectronics AN1518 Datasheet HTML 16Page - STMicroelectronics AN1518 Datasheet HTML 17Page - STMicroelectronics AN1518 Datasheet HTML 18Page - STMicroelectronics AN1518 Datasheet HTML 19Page - STMicroelectronics AN1518 Datasheet HTML 20Page - STMicroelectronics AN1518 Datasheet HTML 21Page - STMicroelectronics AN1518 Datasheet HTML 22Page - STMicroelectronics AN1518 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AN1518
Application information
19/30
Where TON and TOFF are the overlap times of the voltage across the power switch and the
current flowing into it during the turn ON and turn OFF phases. TSW is the equivalent
switching time.
●
Quiescent current losses.
Equation 24
Where IQ is the quiescent current.
Example:
–VIN = 5 V
–VOUT = 3.3 V
–IOUT = 2 A
RDSON has a typical value of 0.25 @ 25 °C and increases up to a maximum value of 0.5. @
150 °C. We can consider a value of 0.4
Ω.
TSW is approximately 70 ns.
IQ has a typical value of 2.5 mA @ VIN = 12 V.
The overall losses are:
Equation 25
The junction temperature of device will be:
Equation 26
Where TA is the ambient temperature and RthJ-A is the thermal resistance junction-to-
ambient. Considering that the device is mounted on board with a good groundplane, that it
has a thermal resistance junction-to-ambient (RthJ-A) of about 42 °C/W, and an ambient
temperature of about 70 °C:
Equation 27
P
Q
V
IN
I
Q
•
=
P
TOT
R
DSON
I
OUT
()
•
2
DV
IN
I
OUT
•
T
SW
•
F
SW
V
IN
I
Q=
•
+
•
+
•
=
0.4
2
2
•
0.7
5
2
•
70
•
10
9
–
•
250
•
10
3
–
52.5
•
10
3
–
•
+
•
+
•
13W
,
≅
=
T
J
T
A
Rth
JA
–
P
TOT
•
+
=
T
J
70
1.3
42
125
° C
≅
•
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com