Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1518 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 13Page - STMicroelectronics AN1518 Datasheet HTML 14Page - STMicroelectronics AN1518 Datasheet HTML 15Page - STMicroelectronics AN1518 Datasheet HTML 16Page - STMicroelectronics AN1518 Datasheet HTML 17Page - STMicroelectronics AN1518 Datasheet HTML 18Page - STMicroelectronics AN1518 Datasheet HTML 19Page - STMicroelectronics AN1518 Datasheet HTML 20Page - STMicroelectronics AN1518 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AN1518
Application information
17/30
●
Inductor
The inductor value is very important as it fixes the ripple current flowing through the output
capacitor. The ripple current is usually fixed at 20-40% of Iomax, which is 0.4 - 0.8 A with
IOmax= 2 A. The approximate inductor value is obtained using the following formula:
Equation 20
where TON is the ON time of the internal switch, given by D · T. For example, with
VOUT=3.3 V, VIN= 2 V and ∆IO=0.6 A, the inductor value is about 17 µH. The peak current
through the inductor is given by:
Equation 21
and it can be observed that if the inductor value decreases, the peak current (which must be
lower than the current limit of the device) increases. So, when the peak current is fixed, a
higher inductor value allows a higher value for the output current. In the Table 5.: Inductor
selection, some inductor manufacturers are listed.
9.2
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
high switching current loop areas should be kept as small as possible and lead lengths as
short as possible.
Table 4.
Output capacitor selection
Manufacturer
Series
Cap value (µF)
Rated voltage (V)
ESR (m
Ω)
AVX
TPS
100 to 470
4 to 35
50 to 200
KEMET
T494/5
100 to 470
4 to 20
30 to 200
Sanyo POSCAP(1)
1.
POSCAP capacitors have some characteristics which are very similar to tantalum.
TPA/B/C
100 to 470
4 to 16
40 to 80
Sprague
595D
220 to 390
4 to 20
160 to 650
Table 5.
Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Coilcraft
DO3316
15 to 33
2.0 to 3.0
Coiltronics
UP1B
22 to 33
2.0 to 2.4
BI
HM76-3
15 to 33
2.5 to 3.3
Epcos
B82476
15 to 33
2 to 3
Wurth Elektronik
74456115
15 to 33
2.5 to 3
L
V
IN
V
OUT
–
()
∆I
----------------------------------
T
ON
•
=
I
PK
I
O
∆I
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com