Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1518 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 16Page - STMicroelectronics AN1518 Datasheet HTML 17Page - STMicroelectronics AN1518 Datasheet HTML 18Page - STMicroelectronics AN1518 Datasheet HTML 19Page - STMicroelectronics AN1518 Datasheet HTML 20Page - STMicroelectronics AN1518 Datasheet HTML 21Page - STMicroelectronics AN1518 Datasheet HTML 22Page - STMicroelectronics AN1518 Datasheet HTML 23Page - STMicroelectronics AN1518 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application information
AN1518
20/30
9.4
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 nsec) and the switching
frequency to approximately one third of its nominal value (see Section 3.4: Current
protection). In these conditions, the duty cycle is strongly reduced and, in most applications,
this is enough to limit the current to ILIM. In any event, in case of heavy short-circuit at the
output (VO=0 V) and depending on the application conditions (Vcc value and parasitic effect
of external components) the current peak could reach values higher than ILIM. This can be
understood considering the inductor current ripple during the ON and OFF phases:
●
ON phase
Equation 28
●
OFF phase
Equation 29
where VD is the voltage drop across the diode and DCRL is the series resistance of the
inductor.
In short-circuit conditions, VOUT is negligible. So during TOFF, the voltage applied to the
inductor is very small and it could occur that the current ripple in this phase does not
compensate for the current ripple during TON.
The maximum current peak can be easily measured through the inductor with VO = 0 V
(short-circuit) and VCC=VINMAX. In cases where application must sustain the short-circuit
condition for an extended period, the external components (mainly the inductor and diode)
must be selected based on this value.
Figure 14.
Short-circuit current VIN = 25 V
I
L
∆
V
IN
V
out
–
DCR
L
I
•
–
()
L
--------------------------------------------------------------
T
ON
=
=
I
L
∆
V
D
V
out
–
DCR
L
I
•
–
()
L
------------------------------------------------------------
T
OFF
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com