Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1518 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1518 Datasheet HTML 1Page - STMicroelectronics AN1518 Datasheet HTML 2Page - STMicroelectronics AN1518 Datasheet HTML 3Page - STMicroelectronics AN1518 Datasheet HTML 4Page - STMicroelectronics AN1518 Datasheet HTML 5Page - STMicroelectronics AN1518 Datasheet HTML 6Page - STMicroelectronics AN1518 Datasheet HTML 7Page - STMicroelectronics AN1518 Datasheet HTML 8Page - STMicroelectronics AN1518 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
January 2008
Rev 4
1/30
AN1518
Application note
Designing with the 2.5 A DC-DC converter L5973D
Introduction
The L5973D is a step-down monolithic power switching regulator capable of delivering up to
2.5 A at output voltages from 1.235 V to 35 V. The operating input voltage ranges from 4.4 V
to 36 V. It has been designed using BCDV technology and the power switching element is
implemented through a P-channel D-MOS transistor. It does not require a bootstrap
capacitor, and the duty cycle can range up to 100%. An internal oscillator fixes the switching
frequency at 250 kHz. This minimizes the LC output filter. A synchronization pin is available
for cases where a higher frequency (up to 500 kHz) is required. Pulse-by-pulse and
frequency foldback overcurrent protection offer effective short circuit protection. Other
features are voltage feed-forward, protection against feedback disconnection, inhibit and
thermal shutdown. The device is housed in an HSOP8 package with exposed pad that helps
to reduce the thermal resistance junction-to-ambient (RThj-a) down to approximately
40 °C/W.
Figure 1.
Evaluation board
L5973D (HSOP8) board dimensions: 23x20 mm
Figure 2.
Package
Figure 3.
Pin connection
HSOP8 - Exposed Pad
OUT
SYNC
INH
COMP
1
3
2
4
VCC
VREF
GND
FB
8
7
6
5
D98IN955
www.st.com


Similar Part No. - AN1518

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1511 ARISTA-AN1511 Datasheet
1Mb / 50P
7100 Series 1 RU (Gen 3) Data Center Switches
logo
STMicroelectronics
AN1513 STMICROELECTRONICS-AN1513 Datasheet
227Kb / 13P
In a growing consumer market
27-Sep-2007
AN1514 STMICROELECTRONICS-AN1514 Datasheet
265Kb / 17P
buck-boost converter using VIPer12A-E/22A-E
26-Sep-2007
AN1517 STMICROELECTRONICS-AN1517 Datasheet
1Mb / 30P
Designing with the STEVAL-ISA089V1 high efficiency DC-DC
13-Nov-2013
More results

Similar Description - AN1518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1627 LINER-LTC1627 Datasheet
324Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
logo
STMicroelectronics
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
30-May-2012
logo
Linear Technology
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
STMicroelectronics
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
logo
Linear Technology
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
logo
Richtek Technology Corp...
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
The RT8259A is a monolithic step-down switch mode
logo
STMicroelectronics
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com