Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1518 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 21Page - STMicroelectronics AN1518 Datasheet HTML 22Page - STMicroelectronics AN1518 Datasheet HTML 23Page - STMicroelectronics AN1518 Datasheet HTML 24Page - STMicroelectronics AN1518 Datasheet HTML 25Page - STMicroelectronics AN1518 Datasheet HTML 26Page - STMicroelectronics AN1518 Datasheet HTML 27Page - STMicroelectronics AN1518 Datasheet HTML 28Page - STMicroelectronics AN1518 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AN1518
Application ideas
25/30
10
Application ideas
10.1
Positive buck-boost regulator
The device can be used to implement a step-up/down converter with a positive output
voltage. The figure below shows the schematic circuit of this topology for a 12 V output
voltage.
The input voltage can range from 5 V and 35 V. The output voltage is given by VO=VIN · D/
(1-D), where D is the duty cycle. The maximum output current is given by IOUT=1× (1-D).
The current capability is reduced by the term (1-D) and so, for example, with a duty cycle of
0.5, and considering on average current through the switch of 2 A, the maximum output
current deliverable to the load is 1 A. This is due to the fact that the current flowing through
the internal power switch is delivered to the output only during the OFF phase.
Figure 24.
Positive buck-boost regulator
10.2
Buck-boost regulator
In Figure 25, the schematic circuit for a standard buck-boost topology is shown. The output
voltage is given by VO=-VIN · D/(1-D).
The maximum output current is equal to IOUT=1 · (1-D), for the same reason as that of the
up/down converter. An important thing to take into account is that the ground pin of the
device is connected to the negative output voltage. Therefore, the device is subjected to a
voltage equal to VIN-VO, which must be lower than 36 V (the maximum operating input
voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com