| Electronic Components Datasheet Search |
|
AN1518 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1518 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 30 page ![]() Application information AN1518 18/30 High impedance paths (in particular the feedback connections) are susceptible to interference, so they should be as far as possible from the high current paths. An layout example is provided in Figure 13 below. The input and output loops are minimized to avoid radiation and high frequency resonance problems. The feedback pin connections to the external divider are very close to the device to avoid pick-up noise. Another important issue is the groundplane of the board. Since the package has an exposed pad, it is very important to connect it to an extended groundplane in order to reduce the thermal resistance junction-to-ambient. Figure 13. Layout example 9.3 Thermal considerations The dissipated power of the device is tied to three different sources: ● Switching losses due to the not insignificant RDSON, which are equal to: Equation 22 Where D is the duty cycle of the application. Note that the duty cycle is theoretically given by the ratio between VOUT and VIN, but in practice it is substantially higher than this value to compensate for the losses in the overall application. For this reason, the switching losses related to the RDSON increase compared to an ideal case. ● Switching losses due to turning ON and OFF. These are derived using the following equation: Equation 23 L5973D Cin D Cout L Inhibit signal to output voltage Vin Vout Gnd R1 R2 1 4 5 8 VERY SMALL HIGH CURRENT CIRCULATING PATH TO MINIMIZE RADIATION AND HIGH FREQUENCY RESONANCE PROBLEMS OUTPUT CAPACITOR DIRECTLY CONNECTED TO HEAVY GROUND COMPENSATION NETWORK FAR FROM HIGH CURRENT PATHS MINIMUN SIZE OF FEEDBACK PIN CONNECTIONS TO AVOID PICKUP CONNECTION TO GROUNDPLANE THROUGH VIAS EXTENDED GROUNDPLANE ON THE BOTTOM SIDE P ON R DSON I OUT () • 2 D • = P SW V IN I OUT T ON T OFF + () 2 ------------------------------------ • • F SW V IN = • I OUT T SW • F SW • • = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |