Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2335 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 4Page - STMicroelectronics AN2335 Datasheet HTML 5Page - STMicroelectronics AN2335 Datasheet HTML 6Page - STMicroelectronics AN2335 Datasheet HTML 7Page - STMicroelectronics AN2335 Datasheet HTML 8Page - STMicroelectronics AN2335 Datasheet HTML 9Page - STMicroelectronics AN2335 Datasheet HTML 10Page - STMicroelectronics AN2335 Datasheet HTML 11Page - STMicroelectronics AN2335 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Absolute maximum ratings
AN2335
8/40
2.2
Soldering information
The LGA-14 package is lead free and green package qualified for soldering heat resistance
according to JEDEC J-STD-020C. Land pattern and soldering recommendations are
available upon request.
3
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Warning:
This is a ESD sensitive device, improper handling can cause
permanent damages to the part.
Warning:
This is a mechanical shock sensitive device, improper
handling can cause permanent damages to the part.
Table 1.
Absolute maximum ratings
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply voltage(1)
1.
Supply voltage on any pin should never exceed 6.0V
-0.3 to 6
V
Vdd_IO
I/O pins Supply voltage(1)
-0.3 to 6
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO, CK)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (Any axis, Powered, Vdd=2.5V)
3000g for 0.5 ms
10000g for 0.1 ms
AUNP
Acceleration (Any axis, Unpowered)
3000g for 0.5 ms
10000g for 0.1 ms
TOP
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-40 to +125
°C
ESD
Electrostatic discharge protection
Class 1: 0 - 2KV HBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com