Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2335 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 23Page - STMicroelectronics AN2335 Datasheet HTML 24Page - STMicroelectronics AN2335 Datasheet HTML 25Page - STMicroelectronics AN2335 Datasheet HTML 26Page - STMicroelectronics AN2335 Datasheet HTML 27Page - STMicroelectronics AN2335 Datasheet HTML 28Page - STMicroelectronics AN2335 Datasheet HTML 29Page - STMicroelectronics AN2335 Datasheet HTML 30Page - STMicroelectronics AN2335 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AN2335
Free-Fall and Wake-Up Registers
27/40
Figure 12.
DCRM bit function
8.5
FF_WU_DURATION_1 (33h)
Set the minimum duration of the free-fall, wake-up event that must be recognized by the
LIS302DL..
D7, D0 define the minimum duration of the programmed inertial event such as Free-Fall and
Wake-Up that must be recognized by the device. Duration step and maximum value depend
on the ODR chosen. For an output data rate of 400 Hz the register allows to set a duration
spanning from 0 to 637.5 msec with steps of 2.5 msec. Conversely when the output data
rate is set to 100 Hz it is possible to define an event duration spanning from 0 to 2.55 sec at
steps of 10 msec. The counter used to implement duration function is blocked when the LIR
bit in the configuration register is set to one and the interrupt event has occurred.
FreeFall event
Counter value
Duration THS
FreeFall Interrupt
FreeFall event
Counter value
Duration THS
FreeFall Interrupt
FreeFall event
Counter value
Duration THS
FreeFall Interrupt
Duration
Duration
Duration
C
B
D7
D6
D5
D4
D3
D2
D1
D0
D7, D0
Duration value. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com