Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2335 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2335 Datasheet HTML 1Page - STMicroelectronics AN2335 Datasheet HTML 2Page - STMicroelectronics AN2335 Datasheet HTML 3Page - STMicroelectronics AN2335 Datasheet HTML 4Page - STMicroelectronics AN2335 Datasheet HTML 5Page - STMicroelectronics AN2335 Datasheet HTML 6Page - STMicroelectronics AN2335 Datasheet HTML 7Page - STMicroelectronics AN2335 Datasheet HTML 8Page - STMicroelectronics AN2335 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
October 2006
Rev 2
1/40
AN2335
Application note
LIS302DL: 3-Axis - ±2g/±8g digital output
ultracompact linear accelerometer
Introduction
This document is intended to give application notes for the low-voltage 3-axis digital output
linear MEMS accelerometer provided in LGA package.
The LIS302DL is an ultra compact low-power three axes linear accelerometer that includes
a sensing element and an IC interface able to take the information from the sensing element
and to provide the measured acceleration to the external world through I2C/SPI serial
interface.
The sensing element, capable of detecting the acceleration, is manufactured using a
dedicated process developed by ST to produce inertial sensors and actuators in silicon.
The IC interface instead is manufactured using a CMOS process that allows high level of
integration to design a dedicated circuit which is factory trimmed to better match the sensing
element characteristics.
The LIS302DL has a user selectable full scale of
±2g, ±8g and it is capable of measuring
accelerations with an output data rate of 100Hz or 400Hz. A self-test capability allows the
user to check the correct operation of the system.
The device features two independent highly programmable interrupt sources that can be
configured either to generate an inertial wake-up interrupt signal when a programmable
acceleration threshold is exceeded along one of the three axes or to detect a free-fall event.
Two independent pins can be configured to provide interrupt signals to connected devices.
The LIS302DL is available in plastic SMD package and it is specified over a temperature
range extending from -40°C to +85°C.
The ultra small size and weight of this package make it an ideal choice for handheld portable
applications such as cell phones and PDAs or any other application where reduced package
size and weight are required.
www.st.com


Similar Part No. - AN2335

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2331 STMICROELECTRONICS-AN2331 Datasheet
831Kb / 24P
This note describes the performances
07-Jun-2006
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
AN2334 STMICROELECTRONICS-AN2334 Datasheet
587Kb / 22P
Complete car door module
19-Sep-2013
AN2336 STMICROELECTRONICS-AN2336 Datasheet
214Kb / 7P
DVI ESD Protection demonstration board
10-Apr-2006
AN2339 STMICROELECTRONICS-AN2339 Datasheet
236Kb / 20P
STR91x hardware development getting started
10-May-2006
More results

Similar Description - AN2335

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
This application note is intended for hardware designers
18-Sep-2013
TN0912 STMICROELECTRONICS-TN0912 Datasheet
55Kb / 7P
The aim of this document is to give recommendations
17-Sep-2013
UM1557 STMICROELECTRONICS-UM1557 Datasheet
3Mb / 111P
The aim of this document is to give the design engineer
18-Sep-2013
AN3393 STMICROELECTRONICS-AN3393 Datasheet
2Mb / 103P
This document is intended to provide information
17-Oct-2014
AN4466 STMICROELECTRONICS-AN4466 Datasheet
300Kb / 10P
The aim of this document is to give all information
03-Jun-2014
AN4504 STMICROELECTRONICS-AN4504 Datasheet
797Kb / 41P
This document is intended to provide usage information
18-Jun-2014
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
This document is intended to provide usage information
18-Jun-2014
AN4506 STMICROELECTRONICS-AN4506 Datasheet
1Mb / 47P
This document is intended to provide information
30-Apr-2015
AN4650 STMICROELECTRONICS-AN4650 Datasheet
1Mb / 102P
This document is intended to provide usage information
13-Feb-2015
AN4080 STMICROELECTRONICS-AN4080 Datasheet
574Kb / 35P
This application note is intended for system designers
07-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com