Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2335 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 8Page - STMicroelectronics AN2335 Datasheet HTML 9Page - STMicroelectronics AN2335 Datasheet HTML 10Page - STMicroelectronics AN2335 Datasheet HTML 11Page - STMicroelectronics AN2335 Datasheet HTML 12Page - STMicroelectronics AN2335 Datasheet HTML 13Page - STMicroelectronics AN2335 Datasheet HTML 14Page - STMicroelectronics AN2335 Datasheet HTML 15Page - STMicroelectronics AN2335 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Digital interfaces
AN2335
12/40
Figure 3.
I2C Subsequences
ST: START condition
SCL
1111
SDA
1100
SR: Repeated START condition
SCL
1111
SDA
1100
SAD: Slave address (binary address: abcdefgh. In LIS302DL “abcdef” = “001110”)
SCL
00110
0110
0110
0110
0110
0110
0110
0110
SDA
0aaaa
bbbb
cccc
dddd
eeee
f f f f
gggg
hhhh
Bit g=0 if SDO connected to GND, g=1 if SDO pad connected to Vdd
Bit h=0 => write, h=1 => read
SAK: Slave acknowledge (Z means high impedance)
SCL
0011
SDA (force)
ZZZZ
Check that SDA is 0 after SCL=1
SDA (read)
XX00
SUB: Sub address (binary address: a0cdefgh)
SCL
00110
0110
0110
0110
0110
0110
0110
0110
SDA
0aaaa
0000
cccc
dddd
eeee
f f f f
gggg
hhhh
Bit a=0 => do not increment address in multiple mode
a=1 => increment address in multiple mode
DATA (Master): send DATA byte (binary number: abcdefgh)
SCL
00110
0110
0110
0110
0110
0110
0110
0110
SDA
0aaaa
bbbb
cccc
dddd
eeee
f f f f
gggg
hhhh
DATA (Slave): read DATA byte (binary number: abcdefgh)
SCL
00110
0110
0110
0110
0110
0110
0110
0110
SDA (force)
ZZZZ
ZZZZ
ZZZZ
ZZZZ
ZZZZ
ZZZZ
ZZZZ
ZZZZ
SDA (read)
a
b
c
d
e
f
g
h
SP: STOP condition
SCL
1111
SDA
0011
MAK: Master Acknowledge
SCL
0011
SDA
0000
NMAK: No Master Acknowledge
SCL
0011
SDA
ZZZZ or 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com