Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2335 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 16Page - STMicroelectronics AN2335 Datasheet HTML 17Page - STMicroelectronics AN2335 Datasheet HTML 18Page - STMicroelectronics AN2335 Datasheet HTML 19Page - STMicroelectronics AN2335 Datasheet HTML 20Page - STMicroelectronics AN2335 Datasheet HTML 21Page - STMicroelectronics AN2335 Datasheet HTML 22Page - STMicroelectronics AN2335 Datasheet HTML 23Page - STMicroelectronics AN2335 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
About control registers
AN2335
20/40
Figure 10 shows the block diagram of the digital processing chain and the related control
signals.
Figure 10.
Digital Processing Chain Block Diagram
6.3
CTRL_REG3 (22h)
Control register #3.
IHL bit selects the polarity of the interrupt signal. When IHL is ‘0’ (default value) any interrupt
event will signalled with a logical 1.
PP_OD bit defines whether the interrupt pad has to work in Push-pull or in Open Drain
mode. The latter is specifically intended for wired-or connection of multiple interrupt signals
on the same interrupt line. The default value is ‘0’ which corresponds to push-pull mode.
I2CFG[2:0] and I1CFG[2:0] bit select which signal has to be sent out from the INT2 and
INT1 interrupt pads as described in the following table:
HP Filter
Interrupt Generator
(FF_WU 1)
CTRL_REG2(HP FF_WU1)
0
CTRL_REG3(FDS)
0
Regs Array
Digital Processing Chain
HP_FILTER_RESET
1
1
Interrupt Generator
(FF_WU 2)
CTRL_REG2(HP FF_WU2)
0
1
Offset
Output regs
SRC reg 1
SRC reg 2
Adjustment
Block
IHL
PP_OD
I2CFG2
I2CFG1
I2CFG0
I1CFG2
I1CFG1
I1CFG0
IHL
Interrupt active high, low. Default value 0.
(0: active high; 1: active low)
PP_OD
Push-pull/Open Drain selection on interrupt pad. Default value 0.
(0: push-pull; 1: open drain)
I2CFG2,
I2CFG0
Interrupt 2 configuration bits. Default value 000.
(see table below)
I1CFG2,
I1CFG0
Interrupt 1 configuration bits. Default value 000.
(see table below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com