Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2335 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 21Page - STMicroelectronics AN2335 Datasheet HTML 22Page - STMicroelectronics AN2335 Datasheet HTML 23Page - STMicroelectronics AN2335 Datasheet HTML 24Page - STMicroelectronics AN2335 Datasheet HTML 25Page - STMicroelectronics AN2335 Datasheet HTML 26Page - STMicroelectronics AN2335 Datasheet HTML 27Page - STMicroelectronics AN2335 Datasheet HTML 28Page - STMicroelectronics AN2335 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AN2335
Free-Fall and Wake-Up Registers
25/40
AOI bit allows to select between Wake-Up (OR combination of interrupt events) and Free-
Fall (AND combination of interrupt events) detection
LIR defines whether the configured interrupt event has to be latched by the device once it
has happened. The interrupt request is cleared by reading the related source reg
(FF_WU_SRC_1).
XHIE (YHIE, ZHIE) set an interrupt event to occur when the measured acceleration data on
X (Y, Z) channel is higher than the threshold set in FF_WU_THS_1 register.
XLIE (YLIE, ZLIE) set an interrupt event to occur when the measured acceleration data on X
(Y, Z) channel is lower than the threshold set in FF_WU_THS_1 register.
The threshold module which is used by the system to detect any free-fall or inertial wake-up
event is defined by FF_WU_THS_1. The threshold value is expressed over 7 bit as an
unsigned number and X, (Y, Z) high is true when the unsigned acceleration value of the X (Y,
Z) channel is higher than or egual to FF_WU_THS_1. Similarly, X, (Y, Z) low is true when
the unsigned acceleration value of the X (Y, Z) channel is lower than FF_WU_THS_1. Refer
to Figure 11 for more details.
Figure 11.
FF_WU_CFG_1,2 High and Low value
8.3
FF_WU_SRC_1 (31h)
Free-fall and wake-up source register for interrupt 1. Read only register.
.
+ Full Scale
- Full Scale
0 g level
Threshold module
Threshold module
X (Y, Z) high
X (Y, Z) high
X (Y, Z) low
Positive
Negative
acceleration
acceleration
x
IA
ZH
ZL
YHYLXHXL
IA
Interrupt Active. Default value: 0
(0: no interrupt has been generated;
1: one or more interrupt event has been generated)
ZH
Z High. Default value: 0
(0: no interrupt; 1: ZH event has occurred)
ZL
Z Low. Default value: 0
(0: no interrupt; 1: ZL event has occurred)
YH
Y High. Default value: 0
(0: no interrupt; 1: YH event has occurred)
YL
Y Low. Default value: 0
(0: no interrupt; 1: YL event has occurred)
XH
X High. Default value: 0
(0: no interrupt; 1: XH event has occurred)
XL
X Low. Default value: 0
(0: no interrupt; 1: XL event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com