Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2811 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 5Page - STMicroelectronics AN2811 Datasheet HTML 6Page - STMicroelectronics AN2811 Datasheet HTML 7Page - STMicroelectronics AN2811 Datasheet HTML 8Page - STMicroelectronics AN2811 Datasheet HTML 9Page - STMicroelectronics AN2811 Datasheet HTML 10Page - STMicroelectronics AN2811 Datasheet HTML 11Page - STMicroelectronics AN2811 Datasheet HTML 12Page - STMicroelectronics AN2811 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN2811
General circuit description
Doc ID 14904 Rev 1
9/25
Referring to the schematic diagram in Figure 5, fuse1 is the input fuse to prevent hazards if
the system current exceeds the fuse rating. D1 is the bridge rectifier to convert AC to DC.
The filter is formed by C11, L2 and C3 that are used to attenuate the high frequency
harmonic interference. T1 is the flyback transformer and U1 is formed by the PWM controller
and output MOSFET. The auxiliary winding (pin 5 and 6) and diode D5 provide bias supply
for each control circuit. The output stage includes D6, C9 and C13. R9 and R12 are the
output current sense resistors providing current sense signal. These are connected in
parallel to share the power dissipation.
The constant-current control circuit consists of U2, Q1, U1 and some passive components.
The output current sense signal feeds to OP amp in U2. R7 and C7 consist of the
compensation network for the output signal of U2 in order to properly drive Q1. The 0.3 V
reference voltage on pin 6 of U2 is obtained by voltage divider R11 and R10. The collector
junction of Q1 is connected to the feedback pin of U1 and completes the feedback loop.
The output voltage is indirectly monitored by the auxiliary winding (pin 5 and 6 of T1) and
feedback to pin 3 of U1 through R1 and R4. Once the voltage at pin 3 of U1 exceeds 3 V, U1
shuts down, then enters the auto-restart mode. Thanks to U1, which includes an overload
protection function, if the LED is absent in the application (no load), this solution provides a
safeguard. The LED and the application board are both fully protected.
3.2
Bill of material
Table 2.
Bill of material
Name
Value
Rated
Type
C1
1 nF
25 V
Ceramic cap [0603]
C2, C8
100 nF
25 V
Ceramic cap [0603]
C3, C11
2.2
μF
400 V
Al elcap CAPPR3.5-8X12
C4
56 nF
25 V
Ceramic cap [0603]
C5, C12
10
μF
25 V
Al elcap CAPPR2-5X11
C6
2.2 nF
25 V
Ceramic cap [0603]
C7
12 nF
25 V
Ceramic cap [0603]
C9
220
μF
16 V
Al elcap CAPPR3.5
-8X11.5
C10
470 pF
25 V
Ceramic cap [0603]
C13
1
μF
25 V
Ceramic cap [0805]
D1
MB6S PKG30 E3
1 A 600 V bridge rectifier
Vishay
D3
BAT46JFILM
Small signal Schottky diode STMicroelectronics [SOD323]
D5
STTH1R06A
1 A 600 V ultrafast rectifier
STMicroelectronics [SMA]
D6
STPS2H100A
2 A 100 V Schottky rectifier
STMicroelectronics [SMA]
Fuse1
500 mA 250 V
Fuse_5_8.5*8_Bel
L2
LPS3314-105ML
1 mH, 0.1 A
Inductor, Coilcraft L_LP3314
Q1
BC817-40
NPN general-purpose
transistor
[SOT-23]
R1
24
0 k
Ω
1%
Resistor [0603]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com