Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2811 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 13Page - STMicroelectronics AN2811 Datasheet HTML 14Page - STMicroelectronics AN2811 Datasheet HTML 15Page - STMicroelectronics AN2811 Datasheet HTML 16Page - STMicroelectronics AN2811 Datasheet HTML 17Page - STMicroelectronics AN2811 Datasheet HTML 18Page - STMicroelectronics AN2811 Datasheet HTML 19Page - STMicroelectronics AN2811 Datasheet HTML 20Page - STMicroelectronics AN2811 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AN2811
Test results and waveforms
Doc ID 14904 Rev 1
17/25
The current sense circuit (R9 and R12 in Figure 5) is one portion of output voltage. The
additional voltage drop is 300 mV. The following figures show the output voltage and current
waveforms for the load (one LED vs. two LEDs). In Figure 22 and Figure 23 the waveform is
captured at 176 VAC. In Figure 24 and Figure 25 the waveform is captured at 264 VAC. We
can observe that the output ripple current always less than 30 mA. Independent of the load
condition, the output current is regulated at precisely 500 mA.
Figure 22.
Vo and Io at 176 VAC, one LED
Figure 23.
Vo and Io at 176 VAC, two LEDs
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 2 ms/div
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 2 ms/div
Figure 24.
Vo and Io at 264 VAC, one LED
Figure 25.
Vo and Io at 264 VAC, two LEDs
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 2 ms/div
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 2 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com