Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2811 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 9Page - STMicroelectronics AN2811 Datasheet HTML 10Page - STMicroelectronics AN2811 Datasheet HTML 11Page - STMicroelectronics AN2811 Datasheet HTML 12Page - STMicroelectronics AN2811 Datasheet HTML 13Page - STMicroelectronics AN2811 Datasheet HTML 14Page - STMicroelectronics AN2811 Datasheet HTML 15Page - STMicroelectronics AN2811 Datasheet HTML 16Page - STMicroelectronics AN2811 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AN2811
Test results and waveforms
Doc ID 14904 Rev 1
13/25
4
Test results and waveforms
Figure 10 shows the overall efficiency versus a range of AC line voltage loads with one LED
and two LEDs. Under both load conditions, we can observe that the efficiency drops when
input voltage increases. The maximum efficiency occurs at minimum AC line input
(176 VAC). Comparing a load condition of one LED with a load condition of two LEDs in
series, the efficiency increases by 7%. The efficiency with 1 LED is close to 75%.
Figure 10.
Efficiency versus input voltage
Figure 11 shows us the standby power which is measured when the LED is disconnected.
Standby does not mean burst mode under light load. In standby, the overvoltage protection
works. Under various AC line inputs, the maximum standby power is 0.18 W at 264 V input.
Figure 11.
Standby power versus input voltage
With the aid of the filter formed by C11, L2 and C3, no high-frequency interference can be
observed at the input current which definitely helps in meeting the conducted EMI standard.
In Figure 12 and Figure 13 the waveform is captured at 176 VAC. In Figure 14 and Figure 15
the waveform is captured at 264 VAC.
To choose the proper rating of the fuse, we always refer to the inrush current. There are two
inrush current plots at the AC line input 220 V: Figure 16 with one LED and Figure 17 with
two LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com