Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2811 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 12Page - STMicroelectronics AN2811 Datasheet HTML 13Page - STMicroelectronics AN2811 Datasheet HTML 14Page - STMicroelectronics AN2811 Datasheet HTML 15Page - STMicroelectronics AN2811 Datasheet HTML 16Page - STMicroelectronics AN2811 Datasheet HTML 17Page - STMicroelectronics AN2811 Datasheet HTML 18Page - STMicroelectronics AN2811 Datasheet HTML 19Page - STMicroelectronics AN2811 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Test results and waveforms
AN2811
16/25
Doc ID 14904 Rev 1
The VIPer17 integrates one 800 V MOSFET and the drain current is limited at 0.6 A. The
drain-source voltage and drain current waveforms are shown in Figure 18 through 21. In
Figure 18 and Figure 19 the waveform is captured at 176 VAC. In Figure 20 and Figure 21
the waveform is captured at 264 VAC. The peak drain voltage, 496 V, is obtained at 264 V
load with two LEDs (see Figure 21). Under the same condition, the peak drain current is
384 mA.
Figure 18.
Vds and Id at 176 VAC, one LED
Figure 19.
Vds and Id at 176 VAC, two LEDs
Top trace: Vin (200 V/div)
Bottom trace: Iin (200 mA/div)
Time: 4 us/div
Top trace: Vin (200 V/div)
Bottom trace: Iin (200 mA/div)
Time: 4 us/div
Figure 20.
Vds and Id at 264 VAC, one LED
Figure 21.
Vds and Id at 264 VAC, two LEDs
Top trace: Vds (200 V/div)
Bottom trace: Id (200 mA/div)
Time: 4 us/div
Top trace: Vin (200 V/div)
Bottom trace: Iin (200 mA/div)
Time: 4 us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com