Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2811 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 15Page - STMicroelectronics AN2811 Datasheet HTML 16Page - STMicroelectronics AN2811 Datasheet HTML 17Page - STMicroelectronics AN2811 Datasheet HTML 18Page - STMicroelectronics AN2811 Datasheet HTML 19Page - STMicroelectronics AN2811 Datasheet HTML 20Page - STMicroelectronics AN2811 Datasheet HTML 21Page - STMicroelectronics AN2811 Datasheet HTML 22Page - STMicroelectronics AN2811 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AN2811
Test results and waveforms
Doc ID 14904 Rev 1
19/25
The load can be open-circuit (LED absent or wrong polarity at installation) or short-circuit
due to the system undergoing installation or an operating anomaly. The LED lamp can be
damaged due to overtemperature, for example. The system should be able to withstand
damage until removal of the anomaly, thanks to the VIPer17 which provides full protection
against output short-circuit as well as output open-circuit. In Figure 30 and Figure 31 the
waveform from the short-circuit load condition is captured at the highest AC line input 264 V,
which is the most hazardous condition to the system board. In Figure 32 and Figure 33 the
waveforms are captured at the highest AC line input 264 V with the output load in open-
circuit condition.
Figure 30.
Vdd and Vds at 264 VAC, output in
short-circuit
Figure 31.
Io at 264 VAC, output in short-
circuit
Top trace: Vdd (10 V/div)
Bottom trace: Vds (100 V/div)
Time: 100 ms/div
Io: 200 mA/div
Time: 100 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com