Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2811 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 14Page - STMicroelectronics AN2811 Datasheet HTML 15Page - STMicroelectronics AN2811 Datasheet HTML 16Page - STMicroelectronics AN2811 Datasheet HTML 17Page - STMicroelectronics AN2811 Datasheet HTML 18Page - STMicroelectronics AN2811 Datasheet HTML 19Page - STMicroelectronics AN2811 Datasheet HTML 20Page - STMicroelectronics AN2811 Datasheet HTML 21Page - STMicroelectronics AN2811 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Test results and waveforms
AN2811
18/25
Doc ID 14904 Rev 1
During the startup phase the output voltage response is optimized. No output voltage
overshoot nor voltage spike has occurred thanks to the soft-start function and optimum
regulation performance provided by the VIPer17. In Figure 26 and Figure 27 the waveform
is captured at 176 VAC. In Figure 28 and Figure 29 the waveform is captured at 264 VAC.
Figure 26.
Startup of Vo and Io at 176 VAC, one
LED
Figure 27.
Startup of Vo and Io at 176 VAC, two
LEDs
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 10 ms/div
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 10 ms/div
Figure 28.
Startup of Vo and Io at 264 VAC, one
LED
Figure 29.
Startup of Vo and Io at 264 VAC, two
LEDs
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 10 ms/div
Top trace: Io (200 mA/div)
Bottom trace: Vo (2 V/div)
Time: 10 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com