Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2811 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 7Page - STMicroelectronics AN2811 Datasheet HTML 8Page - STMicroelectronics AN2811 Datasheet HTML 9Page - STMicroelectronics AN2811 Datasheet HTML 10Page - STMicroelectronics AN2811 Datasheet HTML 11Page - STMicroelectronics AN2811 Datasheet HTML 12Page - STMicroelectronics AN2811 Datasheet HTML 13Page - STMicroelectronics AN2811 Datasheet HTML 14Page - STMicroelectronics AN2811 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN2811
General circuit description
Doc ID 14904 Rev 1
11/25
3.3
PCB layout view
The PCB views are shown in Figure 6 and Figure 7.
3.4
Transformer design
Figure 8.
Winding structure
Figure 6.
Top view
Figure 7.
Bottom view with SMD parts
Table 3.
Basic electrical characteristics of flyback transformer (T1)
Name
Value
Core type
EE10/11-PC40
Bobbin type
BE10-118CPSFR
Primary inductance
1 mH +/- 10%
Leakage inductance
10 µH typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com