Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2835 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 2Page - STMicroelectronics AN2835 Datasheet HTML 3Page - STMicroelectronics AN2835 Datasheet HTML 4Page - STMicroelectronics AN2835 Datasheet HTML 5Page - STMicroelectronics AN2835 Datasheet HTML 6Page - STMicroelectronics AN2835 Datasheet HTML 7Page - STMicroelectronics AN2835 Datasheet HTML 8Page - STMicroelectronics AN2835 Datasheet HTML 9Page - STMicroelectronics AN2835 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
The selected solution
AN2835
6/21
Doc ID 15073 Rev 1
Figure 4.
The timing chart
Description of the four operating states
●
State 1 in Figure 3a (from t0 to t1, see Figure 4):
–
S3 and S4 in off-state, S2 and S5 are turned on, C1 discharges through S2, L2,
Lamp and S5. Certain energy stores to L2 and C2.
●
State 2 in Figure 3b (from t1 to t2, see Figure 4):
–
S3 and S4 remain in off-state. S2 is working in high frequency in off-state, and S5
is working in low frequency and remains in on-state. The energy of L2 and C2
keeps on releasing through Lamp, S5 and the reversed body diode of S4. As S2 is
working at a higher frequency, state 1 and state 2 is repetitive until the S5 is
turned-off at t3.
●
State 3 in Figure 3c (from t3 to t4, see Figure 4):
–
S2 and S5 in off-state, S3 and S4 are turned on, C1 discharges through S3, Lamp,
L2 and S4. Certain energy stores to L2 and C2.
●
State 4 in Figure 3d (from t4 to t5, see Figure 4):
–
S2 and S5 remain in off-state. S4 is working in high frequency in off-state, and S3
is working in low frequency and remains in on-state. The energy of L2 and C2
keeps on releasing through the reversed body diode of S2, then S3 and lamp. S4
is working at a high frequency from t3 to t6, therefore state 3 and state 4 is
repetitive until S3 is turned-off at t6. One full operating cycle is completed. Starting
from t6, the behavior of t0 is repeated again. From the above analysis, we realize
the lamp current flow to this dual-buck converter, and loads to the same L2
inductor, C2 output capacitor, and HID lamp. The lamp current at state 3 and state
4 is in the opposite direction.
2.2
The power control circuit
There are two main functions of the power control circuit. One is constant current control
during warm-up and the other is constant power control during steady-state operation.
●
Constant current control
Normally, the lamp current is higher during the warm-up stage than when working at
steady-state. But a warm-up current that is too high may cause the electrode to decay
and shorten the operating life of the lamp. If warm-up current is too low, the time to
steady-state is postponed. Therefore providing a value with 20% higher than the rate of
warm-up current during warm-up time is respected. The constant current control is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com