Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2835 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 13Page - STMicroelectronics AN2835 Datasheet HTML 14Page - STMicroelectronics AN2835 Datasheet HTML 15Page - STMicroelectronics AN2835 Datasheet HTML 16Page - STMicroelectronics AN2835 Datasheet HTML 17Page - STMicroelectronics AN2835 Datasheet HTML 18Page - STMicroelectronics AN2835 Datasheet HTML 19Page - STMicroelectronics AN2835 Datasheet HTML 20Page - STMicroelectronics AN2835 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AN2835
Experimental results
Doc ID 15073 Rev 1
17/21
From Section 2.3, we know that high voltage pulse generates continuously before it steps
into steady-state. Once the HID lamp is in open-circuit or absent from the system board,
there is no chance to step into steady-state. In such a condition, the ignition circuit is not
only continuously generating high pulse voltage, but also the full bridge circuit is working at
low frequency (about 200 Hz) as the output of U2 stays high before pin 4 of U2 detects a
current signal.
To avoid a hazard from 3~5 kV on the system board while the HID lamp is in open-circuit or
the HID lamp is absent from the system, the building of a timer to abort this high voltage
pulse generation may be important.
If it is necessary to abort the high voltage pulse generation, a NE555 timer (see Figure 20)
is used to set up a limited time (normally 5 minutes) to turn-off the circuit at the scheduled
time, or apply an MCU in digital solutions. The microcontroller gives more flexible and
precise time control compared to one with a simple hardware solution.
Figure 20.
The timer circuit
Table 3.
Test results of power factor and efficiency
Conditions
Pin
Pout
Efficiency
(Pout/Pin)
PF
Watts
Watts
%
∼
At 110 Vac
77.8
68.9
88.5
0.99
At 220 Vac
76.9
68.9
89.6
0.98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com