Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2835 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 4Page - STMicroelectronics AN2835 Datasheet HTML 5Page - STMicroelectronics AN2835 Datasheet HTML 6Page - STMicroelectronics AN2835 Datasheet HTML 7Page - STMicroelectronics AN2835 Datasheet HTML 8Page - STMicroelectronics AN2835 Datasheet HTML 9Page - STMicroelectronics AN2835 Datasheet HTML 10Page - STMicroelectronics AN2835 Datasheet HTML 11Page - STMicroelectronics AN2835 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
The selected solution
AN2835
8/21
Doc ID 15073 Rev 1
●
Constant power control circuit
In this solution, the voltage on pin 3 of U2 (L6562A) is fixed, therefore, during the warm-
up time, pin 2 of U2 is clamped at its upper threshold, so the input peak current
detected by pin 4 is also fixed. Once the lamp power increases with the lamp voltage
increase, pin 2 decreases accordingly, the lamp works at a constant power state.
Constant power control assures the output power is constant and stabilizes lamp
luminosity without flicker. The lamp operates at the best rated lamp power. Here is an
indirect method to perform the constant power control for the lamp. As shown in
Figure 6, an Rs resistor is connected between the PFC stage and the full bridge stage.
If the output voltage of the PFC stage is constant, it means the current of Rs is
constant. With the proper controlling of the average current flow through Rs, the current
sources from the boost converter (PFC stage) become constant, and the output power
in full bridge stage is also constant, assume the power losses of the dual-buck
converter (full bridge stage) is constant. Therefore the lamp power has constant control
indirectly.
Figure 6.
Indirect constant power control circuit
The average current sense circuit is shown as Figure 7. R1 and C3 is the filter used to
obtain the average voltage on Rs. The Vf feedback signal is generated to control the on-time
of the dual-buck converter. In practice, the operating lamp voltage and current change
according to the age of the lamp, but the change in power loss to the dual-buck converter is
very small and therefore negligible. This indirect method achieves good performances in a
low power application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com