Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2835 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 12Page - STMicroelectronics AN2835 Datasheet HTML 13Page - STMicroelectronics AN2835 Datasheet HTML 14Page - STMicroelectronics AN2835 Datasheet HTML 15Page - STMicroelectronics AN2835 Datasheet HTML 16Page - STMicroelectronics AN2835 Datasheet HTML 17Page - STMicroelectronics AN2835 Datasheet HTML 18Page - STMicroelectronics AN2835 Datasheet HTML 19Page - STMicroelectronics AN2835 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Experimental results
AN2835
16/21
Doc ID 15073 Rev 1
20% difference to the rated value. Therefore a 100
Ω and 140 Ω dummy load is chosen for
constant power evaluation on bench. Please refer to Figure 16 and 17 for test results of the
lamp voltage and lamp current.
Figure 18 shows the input line voltage and current waveforms at 110 Vac and Figure 19 for
220 Vac, both bench measurements show the AC input simultaneous waveform, the input
current plot is very good and has extreme low distortion.
In steady-state, the input power (Pin), output power (Pout), operating efficiency and power
factor under 110 Vac and 220 Vac is shown in Table 3. Obviously the efficiency is over 88%
and the power factor is higher than 98%.
Figure 16.
Load with 100
Ω in steady-state
Figure 17.
Load with 140
Ω in steady-state
Upper: Output voltage 100 V/div
Lower: Output current 500 mA/div
Upper: Output voltage 200 V/div
Lower: Output current 500 mA/div
Figure 18.
Steady-state at 110 Vac input
Figure 19.
Steady-state at 220 Vac
Upper: Output voltage 200 V/div
Lower: Output current 1.0 A/div
Upper: Input voltage 200 V/div
Lower: Input current 500 mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com