Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2835 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 13Page - STMicroelectronics AN2835 Datasheet HTML 14Page - STMicroelectronics AN2835 Datasheet HTML 15Page - STMicroelectronics AN2835 Datasheet HTML 16Page - STMicroelectronics AN2835 Datasheet HTML 17Page - STMicroelectronics AN2835 Datasheet HTML 18Page - STMicroelectronics AN2835 Datasheet HTML 19Page - STMicroelectronics AN2835 Datasheet HTML 20Page - STMicroelectronics AN2835 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Experimental results
AN2835
18/21
Doc ID 15073 Rev 1
4.1
Test with HID lamp
The test was done at 220 Vac line input with a HID lamp at room temperature. The test lamp
is a powerball HCI-T 70W/830 WDL from OSRAM. Table 4 shows the test results. The input
power for the 70 W HID lamp is 76.4 W and the power factor achieved is 0.98.
The lamp current during start up is shown in Figure 21. The detail of warm-up current is
shown in Figure 22 and the steady-state current is shown in Figure 23.
Figure 21.
Lamp current during start up with HID lamp
Table 4.
Test results of power factor
Results
Conditions
Vin
Iin
Pin
PF
Volts
Amperes
Watts
~
TAMB = 25
°C
220
0.347
76.4
0.98
Figure 22.
The lamp current in warm-up state
Figure 23.
The lamp current in steady-state
Vertical: lamp current 1 A/div
Horizontal: time 2 ms/div
Vertical: lamp current 1 A/div
Horizontal: time 2 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com