Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2835 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2835 Datasheet HTML 1Page - STMicroelectronics AN2835 Datasheet HTML 2Page - STMicroelectronics AN2835 Datasheet HTML 3Page - STMicroelectronics AN2835 Datasheet HTML 4Page - STMicroelectronics AN2835 Datasheet HTML 5Page - STMicroelectronics AN2835 Datasheet HTML 6Page - STMicroelectronics AN2835 Datasheet HTML 7Page - STMicroelectronics AN2835 Datasheet HTML 8Page - STMicroelectronics AN2835 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
May 2010
Doc ID 15073 Rev 1
1/21
AN2835
Application note
70 W HID lamp ballast
based on the L6569, L6385E and L6562A
Introduction
This application note describes the electronic lamp ballast for 70 W high intensity discharge
(HID) metal halide lamps (MHL) used for general indoor applications. The ballast is
composed of a boost converter and an inverter. The inverter is realized by a full bridge driver
with a power control circuit.
The booster converter for power factor correction (PFC) is controlled by the L6562A
controller (U1). The inverter is a full bridge topology driven by two pairs of half bridge buck
converters, L6385E (U3) and L6569 (U4), with the constant power control circuit L6562A
(U2).
In this note the dual-buck converter is introduced. One works in high frequency and the
other works in complementarity with necessary dead time at a lower frequency.
Figure 1.
The demonstration board
www.st.com


Similar Part No. - AN2835

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
AN2834 STMICROELECTRONICS-AN2834 Datasheet
851Kb / 45P
How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
16-Sep-2013
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
Modern motion control applications need more flexibility that can be addressed
22-Jul-2009
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
Positive to negative buck-boost converter
26-Feb-2009
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
35 W wide-range high power factor flyback converter evaluation
20-Jan-2014
More results

Similar Description - AN2835

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
This note describes digital ballast for 70 W HID lamps
09-Jan-2013
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
This application note describes the implementation
22-Nov-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com