Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2835 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 8Page - STMicroelectronics AN2835 Datasheet HTML 9Page - STMicroelectronics AN2835 Datasheet HTML 10Page - STMicroelectronics AN2835 Datasheet HTML 11Page - STMicroelectronics AN2835 Datasheet HTML 12Page - STMicroelectronics AN2835 Datasheet HTML 13Page - STMicroelectronics AN2835 Datasheet HTML 14Page - STMicroelectronics AN2835 Datasheet HTML 15Page - STMicroelectronics AN2835 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Description of demonstration board
AN2835
12/21
Doc ID 15073 Rev 1
3.4
Bill of material
Table 2.
Bill of material
Name
Value
Rated
Type
C1, C2
0.22 µF
275 V
Panasonic
ECQU2A224KL
C3, C12, C13
o.47 µF
400 V
Falatronic CL21
C4
1 µF
C5, C9, C10
47 µF
50 V
C6
10 nF
SMD (0805)
C7
680 nF
SMD (0805)
C8
330 nF
SMD (0805)
C9, C10
33 µF
20 V
Tantalum
C11
47 µF
450 V
Panasonic
EEUEE2W470S
C15, C16, C18,
C19, C23, C25
1 µF
SMD (0805)
C17, C20, C22
100 nF
SMD (0805)
C14, C21
1 nF
SMD (0805)
C24
1.5 µF
SMD (0805)
C29
0.1 µF
630 V
Falatronic CBB21
R1
1.5 m
Ω
SMD (0805)
R2, R26, R40, R42
10 k
Ω
SMD (0805)
R3
330 k
Ω
SMD (1206)
R4, R5
100
Ω
1 W
R6
12 k
Ω
SMD (0805)
R7
20
Ω
SMD (0805)
R8
1 M
Ω
SMD (0805)
R9
82 k
Ω
SMD (0805)
R10
6.8 k
Ω
SMD (0805)
R11
62 k
Ω
SMD (1206)
R12, R14
0.47
Ω
1 W
R13, R132, R133
270 k
Ω
SMD (1206)
R15
36 k
Ω
SMD (0805)
R16, R17, R37, R38
200
Ω
SMD (0805)
R18
910
Ω
SMD (0805)
R19, R43
1 k
Ω
SMD (0805)
R20
20 k
Ω
SMD (0805)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com