Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2872 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 8Page - STMicroelectronics AN2872 Datasheet HTML 9Page - STMicroelectronics AN2872 Datasheet HTML 10Page - STMicroelectronics AN2872 Datasheet HTML 11Page - STMicroelectronics AN2872 Datasheet HTML 12Page - STMicroelectronics AN2872 Datasheet HTML 13Page - STMicroelectronics AN2872 Datasheet HTML 14Page - STMicroelectronics AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Description
AN2872
12/23
Doc ID 15305 Rev 1
3.4
Bill of material
The components assembled on the board are listed in the Table 1.
Table 1.
List of components
Ref.
Part type / value
Description
Size
Supplier
R1
22
Ω / 2 W
Resistor
R2
750 k
Ω / 5% / 0.25 W
Chip resistor
1206
R3
24 k
Ω / 1% / 0.1 W
Chip resistor
0805
R4
9.1 k
Ω / 1% / 0.1 W
Chip resistor
0805
R5
750 k
Ω / 5% / 0.25 W
Chip resistor
1206
R6
750 k
Ω / 5% / 0.25 W
Chip resistor
1206
R7
N. A.
Chip resistor
0805
R8
750 k
Ω / 5% / 0.25 W
Chip resistor
1206
R9
1 k
Ω / 5% / 0.1 W
Chip resistor
0805
C1
150 nF / 305 VAC / X2
Foil capacitor
18 x 6 x RM15
Epcos - B32922C3154M
C2
150 nF / 305 VAC / X2
Foil capacitor
18 x 6 x RM15
Epcos - B32922C3154M
C3
10 µF / 450 V
Aluminium capacitor
R12.5 RM 10
C4
10 µF / 450 V
Aluminium capacitor
R12.5 RM 10
C5
220 µF / 25 V
Aluminium capacitor
R8 RM 3.8
C6
10 µF / 35 V
Aluminium capacitor
R5 RM2.5
C7
1.8 nF / 50 V
Chip capacitor
0805
C8
100 nF / 50 V
Chip capacitor
0805
C9
10 µF / 35 V
Aluminium capacitor
R5 RM2.5
L1
1 mH / 200 mA
Inductor
L2
1 mH / 300 mA
Inductor
D1
1N4148
Silicon diode
SOD80
D2
STTH108
Ultrafast diode
SMA
STMicroelectronics
D3
1N4007
Silicon diode 1 A / 1 kV
MELF
D4
1N4007
Silicon diode 1 A / 1 kV
MELF
D5
STTH108
Ultrafast diode
SMA
STMicroelectronics
D6
15 V
Zener diode
SOD80
U1
VIPer16L
Converter
DIP 7
STMicroelectronics
U2
L78L05
Regulator
SOT89
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com