Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2872 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 14Page - STMicroelectronics AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics AN2872 Datasheet HTML 17Page - STMicroelectronics AN2872 Datasheet HTML 18Page - STMicroelectronics AN2872 Datasheet HTML 19Page - STMicroelectronics AN2872 Datasheet HTML 20Page - STMicroelectronics AN2872 Datasheet HTML 21Page - STMicroelectronics AN2872 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Experimental results
AN2872
18/23
Doc ID 15305 Rev 1
Figure 12.
Indication of current (CH4) and drain voltage (CH1) during short-circuit
4.6
EMC
The following EMC tests of the board were performed:
●
EMI conducting disturbances test for 150 kHZ - 30 MHz (according to EN55022)
●
Surge immunity test (IEC 61000-4-5)
●
Burst immunity test (IEC 61000-4-4).
4.6.1
Surge - IEC 61000-4-5
Regulation IEC 61000-4-5 defines the so-called “Surge immunity test” (see Section 6:
References: 8) as high power spikes caused by large inductive devices in mains. The input
of the SMPS is charged by a short (20 - 50 µs) but high voltage (0.5 - 4 kV) pulse. The pulse
is applied between L-N and between L (N) - PE.
The surge pulse (typically) causes high inrush current, quickly charging the bulk capacitor in
a standard SMPS. The major risk is overvoltage for input components (capacitors, diodes)
and the main switch in the application. The inrush current can damage the components in
series in the input section of the SMPS (rectifier, fuse, inrush current limiter).
The effect of the surge pulse can be reduced in two ways. The first is to increase the
resistance of the input part (typically possible for low power applications) to reduce inrush
current. Higher input resistance reduces inrush current and consequently the amount of
energy charging the bulk capacitor; therefore the voltage rise over the bulk capacitor is
reduced. The second way is to apply components that reduce the voltage level. Typically it is
possible to use varistors or Transil™ connected to the input (to absorb part of the energy of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com