Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2872 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 12Page - STMicroelectronics AN2872 Datasheet HTML 13Page - STMicroelectronics AN2872 Datasheet HTML 14Page - STMicroelectronics AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics AN2872 Datasheet HTML 17Page - STMicroelectronics AN2872 Datasheet HTML 18Page - STMicroelectronics AN2872 Datasheet HTML 19Page - STMicroelectronics AN2872 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Experimental results
AN2872
16/23
Doc ID 15305 Rev 1
4.3
Efficiency
The efficiency of the converter depends strictly on the input voltage. The efficiency of the
tested board is about 65% full load at nominal EU voltage. Complete measurement of the
efficiency is shown in Figure 10.
Figure 10.
Efficiency of the converter
The efficiency can be slightly improved using inductors with reduced resistance and low
ESR input and output capacitors.
4.4
MOSFET voltage stress
A sufficient margin between the maximum drain voltage and the real maximum operating
voltage level guarantees good reliability of the converter. The drain voltage (CH1) and
inductor current (CH2) is displayed in Figure 11 at full load (150 mA). The maximum voltage
drop between the drain and source is 700 V. The margin is, at worst conditions, 100 V.
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0
20
40
60
80
100
120
140
160
90 VAC
120 VAC
230 VAC
400 VAC
500 VAC
AM00365
Eff. (%)
IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com