Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2872 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 10Page - STMicroelectronics AN2872 Datasheet HTML 11Page - STMicroelectronics AN2872 Datasheet HTML 12Page - STMicroelectronics AN2872 Datasheet HTML 13Page - STMicroelectronics AN2872 Datasheet HTML 14Page - STMicroelectronics AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics AN2872 Datasheet HTML 17Page - STMicroelectronics AN2872 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Experimental results
AN2872
14/23
Doc ID 15305 Rev 1
Figure 7.
Output voltage ripple for different input voltages
4.2
Standby
The VIPer16 is designed to operate without any external power source. The device can be
supplied, thanks to its very low consumption, directly from an internal high voltage circuit
(see Section 6: References: 3). A major benefit of this feature is a reduction of the external
component count, as well as the possibility to generate output voltages that are below
voltage lockout. The buck converter based on the VIPer16 can directly generate, with
a simple inductor, 5 V (for example). On the other hand, as this method of self-supply is
based on the resistive principle, this method of supply increases power losses, which is
mainly visible in standby power losses. If low standby power losses is a priority, it is
suggested to apply an additional diode (D1 in Figure 4) in cases where the output voltage is
higher than 12.5 V. Diode D1 allows the VIPer16 to be supplied from reflected voltage (C8),
used for feedback and consequently to reduce standby consumption.
Another aspect which significantly influences standby consumption are the balancing
resistors. The value of the balancing resistor was set to 1.5 M
Ω, respecting the fact that
there is no resolutely defined manufacturer of the capacitors, and consequently the worse
case is presented for calculation of the balancing resistors. The effect of these resistors on
standby consumption can be partly reduced (mainly for voltages below 400 VAC) using
Zener diodes instead of resistors (see Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com