Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2872 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 13Page - STMicroelectronics AN2872 Datasheet HTML 14Page - STMicroelectronics AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics AN2872 Datasheet HTML 17Page - STMicroelectronics AN2872 Datasheet HTML 18Page - STMicroelectronics AN2872 Datasheet HTML 19Page - STMicroelectronics AN2872 Datasheet HTML 20Page - STMicroelectronics AN2872 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN2872
Experimental results
Doc ID 15305 Rev 1
17/23
Figure 11.
Drain voltage (CH1) and inductor current (CH4) at different input voltages
The waveforms in Figure 10 show also the change of duty cycle (ON time) with input
voltage. The converter finally operates in burst mode for highest input voltage.
4.5
Short-circuit behavior
The short-circuit protection is integrated in the VIPer16. If the peak current is limited by the
internal threshold at maximum level for a duration of 50 ms (internally set), the Viper16
interprets this state as overload (short-circuit) and switches off the converter for 1 s. The
typical waveforms for different input voltages are displayed in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com