Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2872 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics AN2872 Datasheet HTML 17Page - STMicroelectronics AN2872 Datasheet HTML 18Page - STMicroelectronics AN2872 Datasheet HTML 19Page - STMicroelectronics AN2872 Datasheet HTML 20Page - STMicroelectronics AN2872 Datasheet HTML 21Page - STMicroelectronics AN2872 Datasheet HTML 22Page - STMicroelectronics AN2872 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AN2872
Experimental results
Doc ID 15305 Rev 1
19/23
pulse) or a bulk capacitor capable of storing enough energy from the surge pulse to reduce
the voltage peak level.
The 2 kV surge test was performed on the board with no failures.
4.6.2
Burst - IEC 61000-4-4
Regulation IEC 61000-4-4 defines the so-called “Burst immunity test” (see Section 6:
References: 9) as fast switching disturbance presented in the mains. This test means the
high frequency, high voltage (8 kV), very short pulses (50 ns) are applied between the input
lines and metal plate connected to PE at a defined distance from tested device
(100 mm).
This test typically does not cause any damage to the components applied for the SMPS, but
it produces high current pulses flowing through the board and causes voltage spikes
between different parts of PCB. These spikes can render unstable the applied integrated
circuits for the SMPS (mainly the controller). The possible impact typically seen in the SMPS
is unstable operation (restart of the SMPS could be allowed) or latching of the SMPS (not
allowed).
The typical protection against the effects of the burst pulses is application of small filters
(capacitance in the range of 100 pF to several nF) to the sensitive inputs.
The 8 kV burst test was performed on the board with no failures.
4.6.3
EMI
The EMI was tested at an input voltage of 230 VAC for full output load. Measurements are
listed for the different input connections and average and peak detector in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com