Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2928 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2928 Datasheet HTML 4Page - STMicroelectronics AN2928 Datasheet HTML 5Page - STMicroelectronics AN2928 Datasheet HTML 6Page - STMicroelectronics AN2928 Datasheet HTML 7Page - STMicroelectronics AN2928 Datasheet HTML 8Page - STMicroelectronics AN2928 Datasheet HTML 9Page - STMicroelectronics AN2928 Datasheet HTML 10Page - STMicroelectronics AN2928 Datasheet HTML 11Page - STMicroelectronics AN2928 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Design equations for the modified buck converter
AN2928
8/21
2.2
Fixed off-time network calculation
The basic idea for this type of converter is to obtain a constant off-time when the power
MOSFET is turned off. This design approach is quite simple and cost-effective, because the
constant off-time is easily set by the RC network. Its calculation is described in this section.
The duty cycle is defined by the switching frequency and turn-off time:
Equation 9
f = switching frequency in CCM (Hz)
T = period in CCM (s)
D = duty cycle (-)
From Equation 8 and Equation 9, the turn off-time can be calculated (the switching
frequency is selected):
Equation 10
Equation 11
As stated above, the modified buck converter uses a FOT network. The off-time is set by
resistor R4 and capacitor C4, as shown in Figure 2. During the on-time, the gate voltage of
the power MOSFET is high, diode D2 is opened and the voltage at the ZCD pin is internally
clamped at VZCD_CLAMP ≈ 5.7 V. During the off-time, the gate voltage of the power
MOSFET is low, diode D2 is closed and the voltage at the ZCD pin decreases based on an
exponential law:
Equation 12
The voltage at the ZCD pin decreases until it reaches the internal triggering limit, which
causes switching to the turn-on stage. The trigger voltage for the L6562A is 0.7 V. The time
needed for the ZCD voltage to go from VZCD_CLAMP to VZCD_TRIGGER defines the duration of
the off-time tOFF:
Equation 13
D
t
ON
T
---------
Tt
OFF
–
T
---------------------
1
t
OFF
T
-----------
1
=
–
ft
OFF
⋅
–
=
=
=
1f
t
OFF
V
LED
V
IN
--------------
=
⋅
–
t
OFF
1
V
LED
V
IN
--------------
–
⎝⎠
⎛⎞
f
-----------------------------
=
V
ZC D
V
ZCD CL AM P
e
1
R
4
C
4
⋅
---------------------
⎝⎠
⎛⎞
⋅
=
t
OFF
R
4
C
4
V
ZCD CL AM P
V
ZC D TRIGGER
-----------------------------------------
⎝⎠
⎜⎟
⎛⎞
R
4
C
4
5.7
0.7
--------
⎝⎠
⎛⎞
ln
R
4
C
4
2.1
⋅⋅
=
⋅⋅
=
ln
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com