Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2928 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2928 Datasheet HTML 13Page - STMicroelectronics AN2928 Datasheet HTML 14Page - STMicroelectronics AN2928 Datasheet HTML 15Page - STMicroelectronics AN2928 Datasheet HTML 16Page - STMicroelectronics AN2928 Datasheet HTML 17Page - STMicroelectronics AN2928 Datasheet HTML 18Page - STMicroelectronics AN2928 Datasheet HTML 19Page - STMicroelectronics AN2928 Datasheet HTML 20Page - STMicroelectronics AN2928 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Design equations for the modified buck converter
AN2928
18/21
Winding resistance depends on the diameter, and is defined using the following formula:
Equation 45
R = wire resistance (
Ω)
p = resistivity of the copper (
Ω
• cm) (1,76 • 10-6 for temperature 25 °C)
S = conductor cross-section area (cm2)
l = wire length (cm)
lN = average length of turn (cm)
d = wire diameter (cm)
The wire diameter is properly selected if the total wire resistance is lower than the maximum
wire resistance.
Equation 46
Rp
l
S
----
p
I
N
N
⋅
π d
⋅
----------------
⋅
=
⋅
=
RR
MAX WIRE
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com