Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2928 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2928 Datasheet HTML 12Page - STMicroelectronics AN2928 Datasheet HTML 13Page - STMicroelectronics AN2928 Datasheet HTML 14Page - STMicroelectronics AN2928 Datasheet HTML 15Page - STMicroelectronics AN2928 Datasheet HTML 16Page - STMicroelectronics AN2928 Datasheet HTML 17Page - STMicroelectronics AN2928 Datasheet HTML 18Page - STMicroelectronics AN2928 Datasheet HTML 19Page - STMicroelectronics AN2928 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Design equations for the modified buck converter
AN2928
16/21
First, the inductor core size must be selected, for which it may be helpful to calculate the
minimum area product using application parameters. The minimum required core area
product (AP), where the flux swing is limited by core saturation is:
Equation 35
APMIN = minimum area product (cm
4)
IPEAK = inductor peak current (A)
IRMS = inductor RMS current (A)
BMAX = saturation limited flux density (T) (power ferrites like N27 or N67 have typically 0.3 T)
Equation 36
JMAX = maximum current density (A/cm
2) (That commonly used for natural convection
cooling is 420 A/cm2)
CR = ratio of the total copper area to the window area (-)
The constant CR gives an estimation of how effectively the wires are placed on the core. For
example, if the input voltage of the modified buck converter is 400 V (such as when a power
factor preregulator is used), then the wires must be well-isolated and the ratio between the
copper and window area is about 0.5, which in the end means that there is 50% of the wire
on the inductor core. The exact calculation using the equation listed here can be found in the
user manual UM0670 (see Section 3: Reference and related materials).
Once the minimum area product is calculated, the designer should then select the right
inductor core and ferrite material according to the higher AP value. The AP value is
calculated from the winding cross section and core cross section. For example, the ETD29
core with ferrite material N27 from EPCOS has a winding cross section of 97 mm2 and
a core cross section of 71 mm2. Maximum flux density for the N27 is 0.3 T.
Equation 37
AN = winding cross section (mm
2)
AMIN = minimum core cross section (mm
2)
For a proper inductor core, the calculated area product must be higher than the APMIN
calculated in Equation 35. If the condition derived from Equation 38 is not fulfilled, the
designer must select a bigger inductor core.
Equation 38
A simple way how to calculate the number of inductor turns is shown in Equation 39, since
manufacturers also include the inductance factor AL, which depends on air gap, in the
product datasheets. For example, the ETD29 core with 1 mm gap and N27 ferrite material
has an inductance factor of 124 nH.
AP
MIN
LI
PEAK
I
RM S
⋅⋅
B
MAX
Cl
⋅
----------------------------------------------
⎝⎠
⎛⎞
4
3
---
=
Cl
J
MAX
C
R
10
4
–
⋅⋅
=
AP
A
N
A
MIN
⋅
=
AP
MIN
AP
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com