Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2928 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2928 Datasheet HTML 13Page - STMicroelectronics AN2928 Datasheet HTML 14Page - STMicroelectronics AN2928 Datasheet HTML 15Page - STMicroelectronics AN2928 Datasheet HTML 16Page - STMicroelectronics AN2928 Datasheet HTML 17Page - STMicroelectronics AN2928 Datasheet HTML 18Page - STMicroelectronics AN2928 Datasheet HTML 19Page - STMicroelectronics AN2928 Datasheet HTML 20Page - STMicroelectronics AN2928 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AN2928
Design equations for the modified buck converter
17/21
Equation 39
AL = inductance factor (H)
N = inductor number of turns (-)
The number of turns for the inductor is:
Equation 40
After the number of turns is calculated, it is also necessary to calculate the wire diameter.
The maximum power loss can be calculated using the maximum inductor temperature and
core thermal resistance with the following equation:
Equation 41
PMAX_LOSS = maximum power loss in the inductor (W)
TMAX = maximum inductor temperature (°C)
RT = thermal resistance of the inductor core used (°C/W) (for example, thermal resistance
for the E25 core used in the STEVAL-ILL013V1 design is 40 °C/W).
The loss in the core is:
Equation 42
PCORE = loss in the inductor core (W)
PV = core loss defined in the datasheet (mW/g )
W = core weight (g) (for example, the ETD29 has a weight of 28 g)
Maximum power loss in the wire is simply:
Equation 43
PWIRE = maximum power loss in the wire (W)
The maximum wire resistance derives from the following equation:
Equation 44
RMAX_WIRE = maximum wire resistance (Ω)
LN
2
A
L
⋅
=
N
L
A
L
------
=
P
MAX LOSS
T
MAX
T
A
–
R
T
---------------------------
=
P
CORE
P
V
W10
3
–
⋅⋅
=
P
WI RE
P
MAX LOSS
P
CORE
–
=
R
MAX WIRE
P
WIR E
I
RM S
2
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com