Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2928 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2928 Datasheet HTML 1Page - STMicroelectronics AN2928 Datasheet HTML 2Page - STMicroelectronics AN2928 Datasheet HTML 3Page - STMicroelectronics AN2928 Datasheet HTML 4Page - STMicroelectronics AN2928 Datasheet HTML 5Page - STMicroelectronics AN2928 Datasheet HTML 6Page - STMicroelectronics AN2928 Datasheet HTML 7Page - STMicroelectronics AN2928 Datasheet HTML 8Page - STMicroelectronics AN2928 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
March 2009
Rev 1
1/21
AN2928
Application note
Modified buck converter for LED applications
Introduction
The use of high power LEDs in lighting applications is becoming increasingly popular due to
rapid improvements in lighting efficiency, longer life, higher reliability and overall cost
effectiveness. Dimming functions are more easily implemented in LEDs, and they are more
robust and offer wider design flexibility compared to other light sources.
Applications suitable for the use of LEDs include lighting for streets, stadiums, fairs and
exhibitions, shops, interiors, as well as for decorative lighting, outdoor wall lighting and
consumer lighting such as lamps and ballasts. Therefore, LED use for lighting is likely to
represent an increasingly large proportion of the lighting market in the future. To assist
engineers in their design approach, the STEVAL-ILL013V1 80 W offline PFC LED driver
demonstration board has been developed. This application note describes, step-by-step,
all the principles and calculations used for a modified buck converter intended for high
brightness LED applications.
The converter is designed as a constant current source to achieve the best lighting
performance from the LEDs. A “modified buck" topology was chosen because the power
switch is connected to ground rather than the high side switch, as in a standard buck
topology, so with this solution it is easier to control the switch. The design uses a fixed off-
time (FOT) network operating in continuous conduction mode (CCM), rendering the overall
solution simple and cost-effective. The modified buck converter described in this document
can be used for lighting applications from low power and low voltage, to high power and high
voltage. This allows designers to cover a wide range of different LED systems using a single
topology.
Additionally, in lighting applications where the input active power is higher than 25 W and
a high power factor is required, the high PF converter can be connected as the first stage,
before the modified BUCK converter. The STEVAL-ILL013V1 shows this design concept.
The STEVAL-ILL013V1 demonstration board is an 80 W offline dimmable LED driver with
high power factor (PF) intended for 350 mA, 700 mA and 1 A LEDs, and is based on
STMicroelectronics’ L6562A transition-mode PFC controller. The design is complaint with
standard EN61000-3-2 (limits for harmonic current emissions). The order code is STEVAL-
ILL013V1 and the complete design, including schematic diagram, bill of material,
calculations, measurements, etc. is described in user manual UM0670 (see Section 3:
Reference and related materials).
www.st.com


Similar Part No. - AN2928

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2927 STMICROELECTRONICS-AN2927 Datasheet
161Kb / 12P
RC acquisition principle for touch sensing applications
25-Mar-2009
AN2929 STMICROELECTRONICS-AN2929 Datasheet
1Mb / 32P
In consumer applications such as LCD or plasma TVs
06-Apr-2011
More results

Similar Description - AN2928

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Diodes Incorporated
ZXLD1320 DIODES-ZXLD1320 Datasheet
384Kb / 18P
Buck mode DC-DC converter for LED driving
JANUARY 2008
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
logo
NXP Semiconductors
AN10876 PHILIPS-AN10876_15 Datasheet
808Kb / 29P
Buck converter for SSL applications
Rev. 2-23 June 2011
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
High Power LED Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com