Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3028 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 4Page - STMicroelectronics AN3028 Datasheet HTML 5Page - STMicroelectronics AN3028 Datasheet HTML 6Page - STMicroelectronics AN3028 Datasheet HTML 7Page - STMicroelectronics AN3028 Datasheet HTML 8Page - STMicroelectronics AN3028 Datasheet HTML 9Page - STMicroelectronics AN3028 Datasheet HTML 10Page - STMicroelectronics AN3028 Datasheet HTML 11Page - STMicroelectronics AN3028 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Circuit description
AN3028
8/37
Doc ID 16135 Rev 1
Figure 2.
Application schematic
Table 2.
Bill of material
Reference
Part
Description
Manufacturer
C1, C2
4.7 µF, 400 V NHG serie electrolytic capacitor
Panasonic
C3
10 µF, 35 V GA serie electrolytic capacitor
Panasonic
C4, C11
100 nF, 50 V RPER7 serie ceramic capacitor
Murata
C5
150 pF, 100 V 682 serie ceramic capacitor
AVX
C6
Not mounted
C7
4.7 nF, 50 V B3798x serie ceramic capacitor
EPCOS
C8
150 nF, 50 V B3798x serie ceramic capacitor
EPCOS
C9
470 µF, 25 V ZL serie ultra-low ESR electrolytic
capacitor
Rubycon
C10
100 µF, 25 V VR serie electrolytic capacitor
Nichicon
D0
DF06M
600 V 1 A diode bridge
Vishay
D1
STTH1L06
Clamp diode
STMicroelectronics
D2
BAT46
Small signal diode
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com