Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3028 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3028 Datasheet HTML 1Page - STMicroelectronics AN3028 Datasheet HTML 2Page - STMicroelectronics AN3028 Datasheet HTML 3Page - STMicroelectronics AN3028 Datasheet HTML 4Page - STMicroelectronics AN3028 Datasheet HTML 5Page - STMicroelectronics AN3028 Datasheet HTML 6Page - STMicroelectronics AN3028 Datasheet HTML 7Page - STMicroelectronics AN3028 Datasheet HTML 8Page - STMicroelectronics AN3028 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
August 2011
Doc ID 16135 Rev 1
1/37
AN3028
Application note
EVLVIP16L-4WFN: 16 V / 4.5 W, 60 kHz non-isolated flyback
demonstration board using the VIPer16LN
Introduction
This document describes a 16 V - 280 mA power supply set in non-isolated flyback topology
with the VIPer16LN, a new offline high-voltage converter by STMicroelectronics.
The features of the device include an 800 V avalanche rugged power section, PWM
operation at 60 kHz with frequency jittering for lower EMI, current limiting with adjustable
setpoint, on-board soft-start, and safe auto-restart after a fault condition.
Moreover, the VIPer16LN can work with or without the auxiliary winding. Operating with the
auxiliary winding, it can attain very low standby consumption. Operating without the auxiliary
winding, the IC is supplied by an internal current generator, thus saving the cost of the
transformer’s auxiliary winding. Both possibilities are discussed in this application note.
The protections available include a thermal shutdown with hysteresis, delayed overload
protection, and open-loop failure protection (available only if the auxiliary winding is used).
Figure 1.
EVLVIP16L- 4WFN demonstration board
www.st.com


Similar Part No. - AN3028

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN3028 MA-COM-AN3028 Datasheet
198Kb / 2P
ESD Protection of Broadband GaAs CATV & FTTx Amplifiers
More results

Similar Description - AN3028

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
Demonstration Board for the TMC2193
TMC2069P7C FAIRCHILD-TMC2069P7C Datasheet
87Kb / 12P
Demonstration Board for the TMC3003 DAC
logo
STMicroelectronics
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
Demonstration board using the PD84002 for UHF RFID reader
22-Sep-2007
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
11-Oct-2010
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
Demonstration board using the PD85004 for 900 MHz 2-way radio
12-Oct-2010
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
The STEVAL-ILL044V1 demonstration board showcases
28-Jun-2013
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
The e-STARTER demonstration board
13-Feb-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com