Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3028 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 19Page - STMicroelectronics AN3028 Datasheet HTML 20Page - STMicroelectronics AN3028 Datasheet HTML 21Page - STMicroelectronics AN3028 Datasheet HTML 22Page - STMicroelectronics AN3028 Datasheet HTML 23Page - STMicroelectronics AN3028 Datasheet HTML 24Page - STMicroelectronics AN3028 Datasheet HTML 25Page - STMicroelectronics AN3028 Datasheet HTML 26Page - STMicroelectronics AN3028 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN3028
IC features
Doc ID 16135 Rev 1
23/37
7
IC features
7.1
Soft-start
At startup the current limitation value reaches IDLIM after an internally set time, tSS, whose
typical value is 8.5 msec. This time is divided into 16 time intervals, each corresponding to a
current limitation step progressively increasing. In this way the drain current is limited during
the output voltage increase, thus reducing the stress on the secondary diode.
The soft-start phase is shown in Figure 25.
7.2
Overload protection
In case of overload or short-circuit (see Figure 26 a), the drain current reaches the IDLIM
value (or the one set by the user through the RLIM resistor). Every cycle that this condition is
met, a counter is incremented. If it is maintained continuously for the time tOVL (50 msec
typical, set internally), the overload protection is tripped, the power section is turned off, and
the converter is disabled for a tRESTART time (1 sec typical). After this time has elapsed, the
IC resumes switching and, if the short is still present, the protection occurs indefinitely in the
same way (Figure 26 b). This ensures restart attempts of the converter with low repetition
rate, so that it works safely with extremely low-power throughput and avoids overheating the
IC in case of repeated overload events.
Moreover, every time the protection is tripped, the internal soft-start function is invoked
(Figure 27a), in order to reduce the stress on the secondary diode.
After the short removal, the IC resumes working normally. If the short is removed during tSS
or tOVL, i.e. before the protection tripping, the counter is decremented on a cycle-by-cycle
basis down to zero and the protection is not tripped.
If the short-circuit is removed during tRESTART, the IC waits for the tRESTART period to elapse
before resuming switching (Figure 27b).
Figure 25.
Soft-start
a) soft-start at startup
b) soft-start at startup (zoom)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com