Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3028 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 7Page - STMicroelectronics AN3028 Datasheet HTML 8Page - STMicroelectronics AN3028 Datasheet HTML 9Page - STMicroelectronics AN3028 Datasheet HTML 10Page - STMicroelectronics AN3028 Datasheet HTML 11Page - STMicroelectronics AN3028 Datasheet HTML 12Page - STMicroelectronics AN3028 Datasheet HTML 13Page - STMicroelectronics AN3028 Datasheet HTML 14Page - STMicroelectronics AN3028 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AN3028
Testing the board
Doc ID 16135 Rev 1
11/37
4
Testing the board
4.1
Typical waveforms
Drain voltage and current waveforms in full-load condition are shown for the two nominal
input voltages in Figure 6 and 7, and for minimum and maximum input voltage in Figure 8
and 9 respectively.
Figure 6.
Drain current and voltage at max
load 115 Vac
Figure 7.
Drain current and voltage at max
load 230 Vac
Figure 8.
Drain current and voltage at max
load 90 Vac
Figure 9.
Drain current and voltage at max
load 265 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com