Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3028 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 15Page - STMicroelectronics AN3028 Datasheet HTML 16Page - STMicroelectronics AN3028 Datasheet HTML 17Page - STMicroelectronics AN3028 Datasheet HTML 18Page - STMicroelectronics AN3028 Datasheet HTML 19Page - STMicroelectronics AN3028 Datasheet HTML 20Page - STMicroelectronics AN3028 Datasheet HTML 21Page - STMicroelectronics AN3028 Datasheet HTML 22Page - STMicroelectronics AN3028 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AN3028
Burst mode and output voltage ripple
Doc ID 16135 Rev 1
19/37
Figure 22.
ENERGY STAR® efficiency criteria
The power supply presented is from a standard model and, in order to be compliant with the
ENERGY STAR® requirements, needs to have efficiency higher than 71.6%. If the self-
supply is excluded, the efficiency results (seeTable 9) are higher than the recommended
value within the whole input voltage range.
6.2
Light-load performance
The input power of the converter has been measured in no-load condition for different input
voltages and the results are given in Table 12.
Table 12.
No-load input power
VIN_AC (VRMS)
PIN (mW)
Without
self-supply
With
self-supply
90
21
88
115
22
110
150
25
146
180
26
175
230
29
224
265
32
258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com