Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3028 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 12Page - STMicroelectronics AN3028 Datasheet HTML 13Page - STMicroelectronics AN3028 Datasheet HTML 14Page - STMicroelectronics AN3028 Datasheet HTML 15Page - STMicroelectronics AN3028 Datasheet HTML 16Page - STMicroelectronics AN3028 Datasheet HTML 17Page - STMicroelectronics AN3028 Datasheet HTML 18Page - STMicroelectronics AN3028 Datasheet HTML 19Page - STMicroelectronics AN3028 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Burst mode and output voltage ripple
AN3028
16/37
Doc ID 16135 Rev 1
The active mode efficiency is defined as the average of the efficiencies measured at 25%,
50%, 75% and 100% of maximum load. Table 8 gives the active mode efficiency calculated
from the values in Table 7. For clarity the values from Table 8 are plotted in Figure 20.
Figure 18.
Efficiency vs. VIN
a) without self-supply (J2 selected)
b) with self-supply (J and J2 not selected)
Figure 19.
Efficiency vs. load
a) without self-supply (J2 selected)
b) with self-supply (J and J2 not selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com