Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3028 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 14Page - STMicroelectronics AN3028 Datasheet HTML 15Page - STMicroelectronics AN3028 Datasheet HTML 16Page - STMicroelectronics AN3028 Datasheet HTML 17Page - STMicroelectronics AN3028 Datasheet HTML 18Page - STMicroelectronics AN3028 Datasheet HTML 19Page - STMicroelectronics AN3028 Datasheet HTML 20Page - STMicroelectronics AN3028 Datasheet HTML 21Page - STMicroelectronics AN3028 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Burst mode and output voltage ripple
AN3028
18/37
Doc ID 16135 Rev 1
In the version 2.0 of the ENERGY STAR® program requirement for single voltage external
AC-DC power supplies (see References), the power supplies are divided in two categories:
low-voltage power supplies and standard power supplies with respect to the nameplate
output voltage and current. An external power supply, in order to be considered a low-
voltage power supply, needs to have a nameplate output voltage lower than 6 V and a
nameplate output current greater than or equal to 550 mA.
The tables below show the EPA energy efficiency criteria for AC-DC power supplies in active
mode for standard models and for low voltage models respectively.
The criteria are plotted in Figure 22, where the red line is the criteria for the standard model
and the blue line is the criteria for the low-voltage model. The PNO axe is in logarithmic
scale.
Figure 21.
Input voltage averaged efficiency vs. load
a) without self-supply (J2 selected)
b) with self-supply (J and J2 not selected)
Table 10.
Energy efficiency criteria for standard models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to = 1 watt
= 0.48*Pno+0.140
> 1 to = 49 watts
= [0.0626 * In (Pno)] + 0.622
> 49 watts
= 0.870
Table 11.
Energy efficiency criteria for low-voltage models
Nameplate output power
(Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to = 1 watt
= 0.497 *Pno+0.067
> 1 to = 49 watts
= [0.075 * In (Pno)] + 0.561
> 49 watts
= 0.860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com