Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3032 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3032 Datasheet HTML 1Page - STMicroelectronics AN3032 Datasheet HTML 2Page - STMicroelectronics AN3032 Datasheet HTML 3Page - STMicroelectronics AN3032 Datasheet HTML 4Page - STMicroelectronics AN3032 Datasheet HTML 5Page - STMicroelectronics AN3032 Datasheet HTML 6Page - STMicroelectronics AN3032 Datasheet HTML 7Page - STMicroelectronics AN3032 Datasheet HTML 8Page - STMicroelectronics AN3032 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
June 2010
Doc ID 16165 Rev 2
1/26
AN3032
Application note
STEVAL-ILB007V1, 2 x 58 W/T8 ballast
based on the L6585DE suitable for 2 x 36 W/T8 lamp
Introduction
This application note describes a demonstration board able to drive 2 x 58 W linear T8
fluorescent tubes. The last section of the document describes the changes that need to be
made to adapt the same board for 2 x 36 W linear T8 fluorescent tubes.
The ballast is controlled by the new L6585DE IC that integrates the PFC and half-bridge
control circuits, relevant drivers, and the circuitry that manages all the operating phases
(preheating, ignition and run mode) of the lamp. Protections against failures such as lamp
disconnection, anti-capacitive mode and PFC overvoltage are guaranteed and obtained with
a minimum number of external components. In addition to the description of the circuit and
design criteria, this document provides a short overview of the ballast performances.
Fluorescent lamps are driven more and more by electronic ballasts rather than by
electromagnetic ones, primarily because fluorescent lamps can produce around 20% more
light for the same input power when driven above 20 kHz instead of 50/60 Hz. Operation at
this frequency also eliminates both light flickering (the response time of the discharge is too
slow for the lamp to have a chance to extinguish during each cycle) and audible noise.
Electronic ballasts consume less power and therefore dissipate less heat than
electromagnetic ballasts. The energy saved can be estimated in the range of 20-25% for a
given lamp power. Finally, the electronic solution allows better control of the filament current
and lamp voltage during preheating with the unquestionable benefit of increasing the
average lamp life.
Figure 1.
2 x 58 W T8 ballast demonstration board
www.st.com


Similar Part No. - AN3032

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN303 SILABS-AN303 Datasheet
145Kb / 4P
Si55X VCXO TEMPERATURE STABILITY DEFINITION
logo
STMicroelectronics
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
The purpose of this note is to familiarize
24-Apr-2009
AN3031 STMICROELECTRONICS-AN3031 Datasheet
1Mb / 28P
SCLT3-8 input termination demonstration board
06-Oct-2009
More results

Similar Description - AN3032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
This application note describes
03-Jun-2008
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
This application note describes the STEVAL-CCA027V1 demonstration
01-Oct-2012
AN3040 STMICROELECTRONICS-AN3040 Datasheet
698Kb / 27P
This application note describes a demonstration board able to drive
11-Jun-2010
AN3360 STMICROELECTRONICS-AN3360 Datasheet
2Mb / 16P
This application note describes the demonstration board
21-Jul-2011
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
AN1798 STMICROELECTRONICS-AN1798 Datasheet
182Kb / 16P
This application note describes
21-Nov-2007
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
This application note describes
14-Dec-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com