Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3032 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 13Page - STMicroelectronics AN3032 Datasheet HTML 14Page - STMicroelectronics AN3032 Datasheet HTML 15Page - STMicroelectronics AN3032 Datasheet HTML 16Page - STMicroelectronics AN3032 Datasheet HTML 17Page - STMicroelectronics AN3032 Datasheet HTML 18Page - STMicroelectronics AN3032 Datasheet HTML 19Page - STMicroelectronics AN3032 Datasheet HTML 20Page - STMicroelectronics AN3032 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AN3032
Experimental results
Doc ID 16165 Rev 2
17/26
When the preheating time Tpre = tTch is finished, the L6585DE detects the lost ignition of one
of the two lamps and starts reducing the preheating time tTch,reduced. At the end of this time,
if the broken lamp is not ignited, the IC is latched.
Figure 13.
Ignition phase with a broken lamp
4.3
Conducted emissions test
Conducted emissions have been measured in neutral and line wires using a peak detector
and considering the limits for lighting applications specified in EN55015. The measurements
have been performed at 110 and 230 Vac lines. The results are shown in Figure 14, 15, 16
and 17.
Since the emission level is below both the quasi-peak and average limits with acceptable
margins, the power supply passes the pre-compliance test.
Figure 14.
Conducted emissions at 110 Vac 50 Hz - line 1 peak detector
AM05143v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com