Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3032 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 10Page - STMicroelectronics AN3032 Datasheet HTML 11Page - STMicroelectronics AN3032 Datasheet HTML 12Page - STMicroelectronics AN3032 Datasheet HTML 13Page - STMicroelectronics AN3032 Datasheet HTML 14Page - STMicroelectronics AN3032 Datasheet HTML 15Page - STMicroelectronics AN3032 Datasheet HTML 16Page - STMicroelectronics AN3032 Datasheet HTML 17Page - STMicroelectronics AN3032 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Experimental results
AN3032
14/26
Doc ID 16165 Rev 2
4
Experimental results
The schematic of the tested board is shown in Figure 6. The board has been tested for
efficiency, power factor, total harmonic distortion and thermal behavior for the input voltage
range. Table 2 and Table 3 show the results obtained for a 45-minute test.
All the results are very good. Efficiency is approximately 85% and the power factor corrector
is constantly 0.99.
4.1
Start sequence
As shown in Figure 8, it is during the start sequence that, as the IC supply voltage VCC
reaches VCCon, the half-bridge starts oscillating and the charge capacitor connected to TCH
begins charging. When the voltage at the TCH pin reaches VCHP (4.63 V), the same
capacitor is discharged following an exponential decrease steered by the time constant; this
defines the preheating time.
During this time, the EOI pin is forced to ground and the switching frequency is set by the
oscillator to the preheating value. When the voltage at the TCH pin drops down to
1.53 V, the EOI pin is exponentially charged according to a time constant that defines the
ignition time.
At the same time, the TCH pin goes down to ground. During this phase, the oscillator
generates a reduction of the switching frequency; when the voltage at the EOI pin exceeds
1.9 V, the chip enters run mode.
Table 2.
2 x 58 W T8 board performance
VIN(V)
PIN(W)
POUTlamp1(W)
Efficiency(%)
IIN(A)
PF
THD(%)
85
126
53.2
84.3
1.487
0.999
3.6
110
123
53.2
85.8
1.13
0.999
6.2
140
122.3
53.2
86.9
0.877
0.997
7.1
185
121.1
53.2
87.8
0.66
0.995
8.7
230
119.9
53.2
88.7
0.528
0.99
11.7
265
118.9
53.2
89.4
0.456
0.985
13
Table 3.
2 x 58 W T8 thermal results of critic system components
VIN(V)
Ambient
temp (°C)
Temp
MOSLowSide(°C)
Temp
MOSHighSide(°C)
Temp
MOSPFC(°C)
Temp
L6585E(°C)
85
25
85
90
99
57
110
25
85
90
87
57
140
25
85
90
81
57
185
25
85
90
75
57
230
25
85
90
64
57
265
25
85
90
56.7
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com